| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F15213 bảng dữ liệu(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213 bảng dữ liệu(HTML) 49 Page - Microchip Technology |
|
49 / 420 page ![]() 9.4 PCL and PCLATH The Program Counter (PC) is 15 bits wide. The low byte comes from the PCL register, which is a readable and writable register. The high byte (PC[14:8]) is not directly readable or writable and comes from PCLATH. On any Reset the PC is cleared. Figure 9-8 shows the five situations for the loading of the PC. Figure 9-8. Loading of PC in Different Situations Filename: 10-000042A.vsd Title: LOADING OF PC IN DIFFERENT SITUATIONS Last Edit: 7/30/2013 First Used: PIC16F1508/9 Note: 7 8 6 14 0 0 4 11 0 6 0 14 7 8 6 0 0 14 15 0 14 0 14 PCL PCL PCL PCL PCL PCH PCH PCH PCH PCH PC PC PC PC PC PCLATH PCLATH PCLATH Instruction with PCL as Destination GOTO, CALL CALLW BRW BRA ALU result OPCODE [10:0] W PC + W PC + OPCODE [8:0] Rev. 10-000042A 7/30/2013 15 9.4.1 Modifying PCL Executing any instruction with the PCL register as the destination simultaneously causes the Program Counter PC[14:8] bits (PCH) to be replaced by the contents of the PCLATH register. This allows the entire contents of the Program Counter to be changed by writing the desired upper seven bits to the PCLATH register. When the lower eight bits are written to the PCL register, all 15 bits of the Program Counter will change to the values contained in the PCLATH register and those being written to the PCL register. 9.4.2 Computed GOTO A computed GOTO is accomplished by adding an offset to the Program Counter (ADDWF PCL). When performing a table read using a computed GOTO method, care should be exercised if the table location crosses a PCL memory boundary (each 256-byte block). Refer to Application Note AN556, “Implementing a Table Read” (DS00556). 9.4.3 Computed Function Calls A computed function CALL allows programs to maintain tables of functions and provide another way to execute state machines or look-up tables. When performing a table read using a computed function CALL, care should be exercised if the table location crosses a PCL memory boundary (each 256-byte block). If using the CALL instruction, the PCH[2:0] and PCL registers are loaded with the operand of the CALL instruction. PCH[6:3] is loaded with PCLATH[6:3]. PIC16F15213/14/23/24/43/44 Memory Organization © 2020 Microchip Technology Inc. Preliminary Datasheet DS40002195A-page 49 |