| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F15213 bảng dữ liệu(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213 bảng dữ liệu(HTML) 41 Page - Microchip Technology |
|
41 / 420 page ![]() Table 9-3. Device Information Area Address Range Name of Region Standard Device Information 8100h - 8108h MUI0 Microchip Unique Identifier (9 Words) MUI1 MUI2 MUI3 MUI4 MUI5 MUI6 MUI7 MUI8 8109h MUI9 Reserved (1 Word) 810Ah - 8111h EUI0 Optional External Unique Identifier (8 Words) EUI1 EUI2 EUI3 EUI4 EUI5 EUI6 EUI7 8112h - 8117h Reserved Reserved (6 Words) 8118h FVRA1X ADC FVR1 output voltage for 1x setting (in mV) 8119h FVRA2X ADC FVR1 output voltage for 2x setting (in mV) 811Ah FVRA4X ADC FVR1 output voltage for 4x setting (in mV) 811Bh - 811Fh Reserved Reserved (5 Words) 9.1.3.1 Microchip Unique Identifier (MUI) The PIC16F152 devices are individually encoded during final manufacturing with a Microchip Unique Identifier (MUI). The MUI cannot be erased by a Bulk Erase command or any other user-accessible means. This feature allows for manufacturing traceability of Microchip Technology devices in applications where this is required. It may also be used by the application manufacturer for a number of functions that require unverified unique identification, such as: • Tracking the device • Unique serial number The MUI consists of nine program words. When taken together, these fields form a unique identifier. The MUI is stored in read-only locations, located between 8100h to 8108h in the DIA space. Table 9-3 lists the addresses of the identifier words. Important: For applications that require verified unique identification, contact your Microchip Technology sales office to create a serialized quick turn programming option. PIC16F15213/14/23/24/43/44 Memory Organization © 2020 Microchip Technology Inc. Preliminary Datasheet DS40002195A-page 41 |