| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F15213 bảng dữ liệu(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F15213 bảng dữ liệu(HTML) 3 Page - Microchip Technology |
|
3 / 420 page ![]() – Program/erase row sizes – Pin count details • Direct, Indirect, and Relative Addressing Modes Operating Characteristics • Operating Voltage Range: – 1.8V to 5.5V • Temperature Range: – Industrial: -40°C to 85°C – Extended: -40°C to 125°C Power-Saving Functionality • Sleep: – Reduce device power consumption – Reduce system electrical noise while performing ADC conversions • Low-Power Mode Features: – Sleep: • < 900nA typical @ 3V/25°C (WDT enabled) • < 600nA typical @ 3V/25°C (WDT disabled) – Operating Current: • 48µA typical @ 32 kHz, 3V/25°C • < 1mA typical @ 4 MHz, 5V/25°C Digital Peripherals • Two Capture/Compare/PWM (CCP) modules: – 16-bit resolution for Capture/Compare modes – 10-bit resolution for PWM mode • Two Pulse-Width Modulators (PWM): – 10-bit resolution – Independent pulse outputs • One Configurable 8/16-Bit Timer (TMR0) • One 16-Bit Timer (TMR1) with Gate Control • One 8-Bit Timer (TMR2) with Hardware Limit Timer (HLT) • One Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART): – RS-232, RS-485, LIN compatible – Auto-wake-up on Start • One Master Synchronous Serial Port (MSSP): – Serial Peripheral Interface (SPI) mode • Slave Select Synchronization – Inter-Integrated Circuit (I2C) mode • 7/10-bit addressing modes • Peripheral Pin Select (PPS): – Enables pin mapping of digital I/O • Device I/O Port Features: – Up to 35 I/O pins – 1 input-only pin PIC16F15213/14/23/24/43/44 © 2020 Microchip Technology Inc. Preliminary Datasheet DS40002195A-page 3 |