công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS9C25512M2018L bảng dữ liệu(PDF) 16 Page - Alliance Semiconductor Corporation

tên linh kiện AS9C25512M2018L
Giải thích chi tiết về linh kiện  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L bảng dữ liệu(HTML) 16 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L Datasheet HTML 12Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 13Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 14Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 15Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 16Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 17Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 18Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 19Page - Alliance Semiconductor Corporation AS9C25512M2018L Datasheet HTML 20Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 16 of 30
®
Mailbox Interrupts
The AS9C25512M2018L/AS9C25256M2018L has an Inbuilt Mailbox Logic that can be used for communication between the two ports.
One memory location is assigned as mail box (message center) for each port. The location 7FFFE (HEX) is assigned as the message center
for Port A and 7FFFF (HEX) for Port B (3FFFE and 3FFFF for AS9C25256M2018L). The port A interrupt flag (INTA) is asserted when the
port B writes to memory location 7FFFE (HEX) (3FFFE for AS9C25256M2018L). The port A clears the interrupt flag by reading the
address location 7FFFE (HEX) (3FFFE for AS9C25256M2018L). Likewise, the port B interrupt flag (INTB) is asserted when the port A
writes to memory location 7FFFF (HEX) (3FFFF for AS9C25256M2018L) and to clear the interrupt flag (INTB), the port B must read the
memory location 7FFFF (3FFFF for AS9C25256M2018L).(Refer Interrupt Logic Truth Table).
The interrupt flag is asserted in a flow-through mode (i.e., it follows the clock edge of the writing port). Also, the flag is reset in a flow-
through mode (i.e., it follows the clock edge of the reading port). Each port can read the other port’s mailbox without de-asserting the
interrupt and each port can write to its own mailbox without asserting the interrupt. If an application does not require message passing, INT
pins can be ignored.
Interrupt logic truth table[1,4,5]
Notes:
1. L = low, H = high, X = don't care
2. CEx is an internal signal ('x' = 'A' or 'B'). CEx = H implies 'Chip is Deselected' (CE0x = H or CE1x =L), CEx = L implies 'Chip is Selected' (CE0x = L and CE1x =H)
3. Address specified here is the internal address (refer Counter control truth table).
4. Both Interrupt Flags are De-asserted on power-up.
5. Interrupt feature is not supported in TQFP package.
6. Address A18 is a NC for AS9C25256M2018L, hence Interrupt addresses are 3FFFF and 3FFFE
CLKA R/WA CEA[2] A18A-A0A[3,6] CLKB R/WB CEB[2] A18B-A0B[3,6] INTA INTB
Function
L to H
L
L
7FFFF
L to H
X
X
X
X
L
Assert Port B Interrupt Flag
L to H
X
X
X
L to H
H
L
7FFFF
X
H
De-assert Port B Interrupt Flag
L to H
X
X
X
L to H
L
L
7FFFE
L
X
Assert Port A Interrupt Flag
L to H
H
L
7FFFE
L to H
X
X
X
H
X
De-assert Port A Interrupt Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com