công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-ABESSQTP bảng dữ liệu(PDF) 53 Page - Microchip Technology

tên linh kiện MXT1664T3-ABESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP bảng dữ liệu(HTML) 53 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 49Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 50Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 51Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 52Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 53Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 54Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 55Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 56Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 53
FIGURE 10-9:
SEND AUTO-RETURN – PACKET SEQUENCE
The USB report ID used is that for Object Protocol commands and responses; see Table 10-3 on page 50 for the value.
The command packet has the format given in Figure 10-10.
FIGURE 10-10:
SEND AUTO-RETURN – COMMAND PACKET FORMAT
In Figure 10-10:
• Rpt ID is the USB report ID used is that for Object Protocol commands and responses (see Table 10-3 on page 50
for the value).
• Command ID is the command ID for the Send Auto-return command (0x88).
• Reserved Bytes are reserved bytes with a value of 0x00.
The response packet has the format given in Figure 10-11. Note that with this command, the command packet does not
include an address pointer as the device already knows the address of the Message Processor T5 object.
FIGURE 10-11:
SEND AUTO-RETURN – RESPONSE PACKET FORMAT
Once the device has responded to the command, it starts sending message data. Each time a message is generated
in the Message Processor T5 object, the device automatically sends a message packet to the host with the data. The
message packets have the format given in Figure 10-12.
Send Auto-return Command Packet
Response Packet
Message Data Packet
Message Data Packet
Message Data Packet
Null Packet to Terminate
Host
Device
:
:
:
0x88
Command
ID
Rpt ID
Reserved Bytes
(62 Bytes)
0x00
0x00
...
0x88
Command
Received
Rpt ID
Reserved Bytes
(62 Bytes)
0x00
0x00
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com