công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-ABESSQTP bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện MXT1664T3-ABESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-ABESSQTP bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button MXT1664T3-ABESSQTP Datasheet HTML 31Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 32Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 33Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 34Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 35Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 36Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 37Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 38Page - Microchip Technology MXT1664T3-ABESSQTP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 35
8.4
Reading From the Device
Two I2C bus activities must take place to read from the device. The first activity is an I2C write to set the address pointer
(LSByte then MSByte). The second activity is the actual I2C read to receive the data. The address pointer returns to its
starting value when the read cycle NACK is detected.
It is not necessary to set the address pointer before every read. The address pointer is updated automatically after every
read operation. The address pointer will be correct if the reads occur in order. In particular, when reading multiple
messages from the Message Processor T5 object, the address pointer is automatically reset to allow continuous
reads (see Section 8.5 “Reading Status Messages with DMA”).
The WRITE and READ cycles consist of a START condition followed by the I2C address of the device (SLA+W or
SLA+R respectively). Note that in this mode, calculating a checksum of the data packets is not supported.
Figure 8-3 shows the I2C commands to read four bytes starting at address 0x1234.
FIGURE 8-3:
EXAMPLE OF A FOUR-BYTE READ STARTING AT ADDRESS 0x1234
8.5
Reading Status Messages with DMA
The device facilitates the easy reading of multiple messages using a single continuous read operation. This allows the
host hardware to use a direct memory access (DMA) controller for the fast reading of messages, as follows:
1.
The host uses a write operation to set the address pointer to the start of the Message Count T44 object, if
necessary. Note that the STOP condition at the end of the read resets the address pointer to its initial location,
so it may already be pointing at the Message Count T44 object following a previous message read. If a checksum
is required on each message, the most significant bit of the MSByte of the read address must be set to 1.
2.
The host starts the read operation of the message by sending a START condition.
3.
The host reads the Message Count T44 object (one byte) to retrieve a count of the pending messages.
4.
The host calculates the number of bytes to read by multiplying the message count by the size of the Message
Processor T5 object. Note that the host should have already read the size of the Message Processor T5 object
in its initialization code.
Note that the size of the Message Processor T5 object as recorded in the Object Table includes a checksum byte.
If a checksum has not been requested, one byte should be deducted from the size of the object.
That is: number of bytes = count × (size – 1).
5.
The host reads the calculated number of message bytes. It is important that the host does not send a STOP
condition during the message reads, as this will terminate the continuous read operation and reset the address
pointer. No START and STOP conditions must be sent between the messages.
6.
The host sends a STOP condition at the end of the read operation after the last message has been read. The
NACK condition immediately before the STOP condition resets the address pointer to the start of the Message
Count T44 object.
Read Data
START
SLA+R
0x96
0x9B
0xA0
0xA5
STOP
START
SLA+W
0x34
0x12
Read Address
(LSB, MSB)
Set Address Pointer
Read Data
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com