công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W5100 bảng dữ liệu(PDF) 30 Page - WIZnet Co., Ltd

tên linh kiện W5100
Giải thích chi tiết về linh kiện  Single-chip Internet-enabled 10/100 Ethernet Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIZNET [WIZnet Co., Ltd]
Trang chủ  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100 bảng dữ liệu(HTML) 30 Page - WIZnet Co., Ltd

Back Button W5100 Datasheet HTML 26Page - WIZnet Co., Ltd W5100 Datasheet HTML 27Page - WIZnet Co., Ltd W5100 Datasheet HTML 28Page - WIZnet Co., Ltd W5100 Datasheet HTML 29Page - WIZnet Co., Ltd W5100 Datasheet HTML 30Page - WIZnet Co., Ltd W5100 Datasheet HTML 31Page - WIZnet Co., Ltd W5100 Datasheet HTML 32Page - WIZnet Co., Ltd W5100 Datasheet HTML 33Page - WIZnet Co., Ltd W5100 Datasheet HTML 34Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
© Copyright 2009-2011 WIZnet Co., Inc. All rights reserved.
29
5
Reserved
Reserved
4
SEND_OK
It is set as ‘1’ if send operation is completed.
3
TIMEOUT
It is set as ‘1’ if Timeout occurs during connection establishment or
termination and data transmission.
2
RECV
It is set as ‘1’ whenever W5100 receives data. And it is also set as ‘1’
if received data remains after execute CMD_RECV command.
1
DISCON
It is set as ‘1’ if connection termination is requested or finished.
0
CON
It is set as ‘1’ if connection is established.
Sn_SR (Socket n Status Register) [R] [0x0403, 0x0503, 0x0603, 0x0703] [0x00]
This register has the status value of socket n. The main status is shown in the below diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72