| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W5100 bảng dữ liệu(PDF) 20 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100 bảng dữ liệu(HTML) 20 Page - WIZnet Co., Ltd |
|
20 / 72 page ![]() © Copyright 2009-2011 WIZnet Co., Inc. All rights reserved. 19 Address Register 0x0700 Socket 3 Mode (S3_MR) 0x0701 Socket 3 Command (S3_CR) 0x0702 Socket 3 Interrupt (S3_IR) 0x0703 Socket 3 Status (S3_SR) 0x0704 0x0705 Socket 3 Source Port (S3_PORT0) (S3_PORT1) 0x0706 0x0707 0x0708 0x0709 0x070A 0x070B Socket 3 Destination Hardware Address (S3_DHAR0) (S3_DHAR1) (S3_DHAR2) (S3_DHAR3) (S3_DHAR4) (S3_DHAR5) 0x070C 0x070D 0x070E 0x070F Socket 3 Destination IP Address (S3_DIPR0) (S3_DIPR1) (S3_DIPR2) (S3_DIPR3) 0x0710 0x0711 Socket 3 Destination Port (S3_DPORT0) (S3_DPORT1) 0x0712 0x0713 Socket 3 Maximum Segment Size (S3_MSSR0) (S3_MSSR1) 0x0714 Socket 3 Protocol in IP Raw mode (S3_PROTO) Address Register 0x0715 Socket 3 IP TOS (S3_TOS) 0x0716 Socket 3 IP TTL (S3_TTL) 0x0717 ~ 0x071F Reserved 0x0720 0x0721 Socket 3 TX Free Size (S3_TX_FSR0) (S3_TX_FSR1) 0x0722 0x0723 Socket 3 TX Read Pointer (S3_TX_RD0) (S3_TX_RD1) 0x0724 0x0725 Socket 3 TX Write Pointer (S3_TX_WR0) (S3_TX_WR1) 0x0726 0x0727 Socket 3 RX Received Size (S3_RX_RSR0) (S3_RX_RSR1) 0x0728 0x0729 Socket 3 RX Read Pointer (S3_RX_RD0) (S3_RX_RD1) 0x072A 0x072B Reserved 0x072C ~ 0x07FF Reserved |