| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W5100 bảng dữ liệu(PDF) 17 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100 bảng dữ liệu(HTML) 17 Page - WIZnet Co., Ltd |
|
17 / 72 page ![]() © Copyright 2009-2011 WIZnet Co., Inc. All rights reserved. 16 3.2 Socket registers Address Register 0x0400 Socket 0 Mode (S0_MR) 0x0401 Socket 0 Command (S0_CR) 0x0402 Socket 0 Interrupt (S0_IR) 0x0403 Socket 0 Status (S0_SR) 0x0404 0x0405 Socket 0 Source Port (S0_PORT0) (S0_PORT1) 0x0406 0x0407 0x0408 0x0409 0x040A 0x040B Socket 0 Destination Hardware Address (S0_DHAR0) (S0_DHAR1) (S0_DHAR2) (S0_DHAR3) (S0_DHAR4) (S0_DHAR5) 0x040C 0x040D 0x040E 0x040F Socket 0 Destination IP Address (S0_DIPR0) (S0_DIPR1) (S0_DIPR2) (S0_DIPR3) 0x0410 0x0411 Socket 0 Destination Port (S0_DPORT0) (S0_DPORT1) 0x0412 0x0413 Socket 0 Maximum Segment Size (S0_MSSR0) (S0_MSSR1) 0x0414 Socket 0 Protocol in IP Raw mode (S0_PROTO) Address Register 0x0415 Socket 0 IP TOS (S0_TOS) 0x0416 Socket 0 IP TTL (S0_TTL) 0x0417 ~ 0x041F Reserved 0x0420 0x0421 Socket 0 TX Free Size (S0_TX_FSR0) (S0_TX_FSR1) 0x0422 0x0423 Socket 0 TX Read Pointer (S0_TX_RD0) (S0_TX_RD1) 0x0424 0x0425 Socket 0 TX Write Pointer (S0_TX_WR0) (S0_TX_WR1) 0x0426 0x0427 Socket 0 RX Received Size (S0_RX_RSR0) (S0_RX_RSR1) 0x0428 0x0429 Socket 0 RX Read Pointer (S0_RX_RD0) (S0_RX_RD1) 0x042A 0x042B Reserved 0x042C ~ 0x04FF Reserved |