| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W5100 bảng dữ liệu(PDF) 51 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100 bảng dữ liệu(HTML) 51 Page - WIZnet Co., Ltd |
|
51 / 72 page ![]() © Copyright 2009-2011 WIZnet Co., Inc. All rights reserved. 50 Sn_CR = CONNECT; } ◼ ESTABLISHED ? The connection is established. It can be checked as below, First method : { If (Sn_IR(CON bit) == ‘1’) goto ESTABLISHED stage; /* In this case, if the interrupt of Socket n is activated, interrupt occurs. Refer to Interrupt Register(IR), Interrupt Mask Register (IMR) and Socket n Interrupt Register (Sn_IR). */ } Second method : { If (Sn_SR == SOCK_ESTABLISHED) goto ESTABLISHED stage; } ◼ Timeout Socket is closed as Timeout occurs as there is not response from remote peer. It can be checked as below. First method : { If (Sn_IR(TIMEOUT bit) == ‘1’) goto CLOSED stage; /* In this case, if the interrupt of Socket n is activated, interrupt occurs. Refer to Interrupt Register(IR), Interrupt Mask Register (IMR) and Socket n Interrupt Register (Sn_IR). */ } Second method : { If (Sn_SR == SOCK_CLOSED) goto CLOSED stage; } ◼ ESTABLISHED Refer to “5.2.1.1. SERVER mode” (The operation is same as SERVER mode) |