| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W5100 bảng dữ liệu(PDF) 22 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100 bảng dữ liệu(HTML) 22 Page - WIZnet Co., Ltd |
|
22 / 72 page ![]() © Copyright 2009-2011 WIZnet Co., Inc. All rights reserved. 21 0 : Disable Indirect bus I/F mode 1 : Enable Indirect bus I/F mode If this bit is set as ‘1’, Indirect BUS I/F mode is set. For more detail, refer to “6. Application Information”, “6.2 Indirect Bus IF Mode”. GWR (Gateway IP Address Register) [R/W] [0x0001 – 0x0004] [0x00] This Register sets up the default gateway address. Ex) in case of “192.168.0.1” 0x0001 0x0002 0x0003 0x0004 192 (0xC0) 168 (0xA8) 0 (0x00) 1 (0x01) SUBR (Subnet Mask Register) [R/W] [0x0005 – 0x0008] [0x00] This register sets up the subnet mask address. Ex) in case of “255.255.255.0” 0x0005 0x0006 0x0007 0x0008 255 (0xFF) 255 (0xFF) 255 (0xFF) 0 (0x00) SHAR (Source Hardware Address Register) [R/W] [0x0009 – 0x000E] [0x00] This register sets up the Source Hardware address. Ex) In case of “00.08.DC.01.02.03” 0x0009 0x000A 0x000B 0x000C 0x000D 0x000E 0x00 0x08 0xDC 0x01 0x02 0x03 SIPR (Source IP Address Register) [R/W] [0x000F – 0x0012] [0x00] This register sets up the Source IP address. Ex) in case of “192.168.0.3” 0x000F 0x0010 0x0011 0x0012 192 (0xC0) 168 (0xA8) 0 (0x00) 3 (0x03) |