công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F320J3A-150 bảng dữ liệu(PDF) 31 Page - Intel Corporation

tên linh kiện JS28F320J3A-150
Giải thích chi tiết về linh kiện  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3A-150 bảng dữ liệu(HTML) 31 Page - Intel Corporation

Back Button JS28F320J3A-150 Datasheet HTML 27Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 28Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 29Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 30Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 31Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 32Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 33Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 34Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
31
8.0
Power and Reset Specifications
This section provides an overview of system level considerations for the Intel StrataFlash®
memory family device. This section provides a brief description of power-up, power-down,
decoupling and reset design considerations.
8.1
Power-Up/Down Characteristics
In order to prevent any condition that may result in a spurious write or erase operation, it is
recommended to power-up and power-down VCC and VCCQ together. It is also recommended to
power-up VPEN with or slightly after VCC. Conversely, VPEN must power down with or slightly
before VCC.
8.2
Power Supply Decoupling
When the device is enabled, many internal conditions change. Circuits are energized, charge pumps
are switched on, and internal voltage nodes are ramped. All of this internal activities produce
transient signals. The magnitude of the transient signals depends on the device and system loading.
To minimize the effect of these transient signals, a 0.1 µF ceramic capacitor is required across each
VCC/VSS and VCCQ signal. Capacitors should be placed as close as possible to device
connections.
Additionally, for every eight flash devices, a 4.7 µF electrolytic capacitor should be placed between
VCC and VSS at the power supply connection. This 4.7 µF capacitor should help overcome
voltage slumps caused by PCB (printed circuit board) trace inductance.
8.3
Reset Characteristics
By holding the flash device in reset during power-up and power-down transitions, invalid bus
conditions may be masked. The flash device enters reset mode when RP# is driven low. In reset,
internal flash circuitry is disabled and outputs are placed in a high-impedance state. After return
from reset, a certain amount of time is required before the flash device is able to perform normal
operations. After return from reset, the flash device defaults to asynchronous page mode. If RP# is
driven low during a program or erase operation, the program or erase operation will be aborted and
the memory contents at the aborted block or address are no longer valid. See Figure 14, “AC
Waveform for Reset Operation” on page 29 for detailed information regarding reset timings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com