công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F320J3A-150 bảng dữ liệu(PDF) 62 Page - Intel Corporation

tên linh kiện JS28F320J3A-150
Giải thích chi tiết về linh kiện  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3A-150 bảng dữ liệu(HTML) 62 Page - Intel Corporation

Back Button JS28F320J3A-150 Datasheet HTML 58Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 59Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 60Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 61Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 62Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 63Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 64Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 65Page - Intel Corporation JS28F320J3A-150 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
256-Mbit J3 (x8/x16)
62
Datasheet
0606_08
Figure 21. Program Suspend/Resume Flowchart
Start
Write B0H
Read Status Register
SR.7 =
SR.2 =
Programming Completed
Write D0H
Programming Resumed
Write FFH
Read Array Data
1
1
0
0
Bus
Operation
Command
Comments
Write
Program
Suspend
Data = B0H
Addr = X
Read
Status Register Data
Addr = X
Standby
Check SR.7
1 - WSM Ready
0 = WSM Busy
Standby
Check SR.6
1 = Programming Suspended
0 = Programming Completed
Read
Read array locations other
than that being programmed.
Write FFH
Read Data Array
Done Reading
Yes
No
Write
Read Array
Data = FFH
Addr = X
Write
Program
Resume
Data = D0H
Addr = X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72