| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F320J3A-150 bảng dữ liệu(PDF) 14 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
JS28F320J3A-150 bảng dữ liệu(HTML) 14 Page - Intel Corporation |
|
14 / 72 page ![]() 256-Mbit J3 (x8/x16) 14 Datasheet 4.0 Ballout and Signal Descriptions Intel StrataFlash® memory is available in three package types. Each density of the J3C is supported on both 64-ball Easy BGA and 56-lead Thin Small Outline Package (TSOP) packages. A 48-ball VF BGA package is available on 32 and 64 Mbit devices. Figure 6, Figure 7, and Figure 8 show the pinouts. 4.1 Easy BGA Ballout (32/64/128/256 Mbit) NOTES: 1. Address A22 is only valid on 64-Mbit densities and above, otherwise, it is a no connect (NC). 2. Address A23 is only valid on 128-Mbit densities and above, otherwise, it is a no connect (NC). 3. Address A24 is only valid on 256-Mbit densities and above, otherwise, it is a no connect (NC). Figure 6. Intel StrataFlash® Memory Easy BGA Ballout (32/64/128/256 Mbit) Easy BGA Top View- Ball side down 1 8 23 4 5 67 CE2# RFU D13 VSS D7 A24 256M VSS H WE# G BYTE# OE# F E STS D A4 A5 A11 RFU RP# A16 A17 RFU C A3 A7 A10 A15 A12 A20 A21 RFU B A2 VSS A9 A14 CEO# A19 CE1# RFU A A1 A6 A8 A13 VPEN A18 A22 VCC A23 128M A0 D2 D5 VCCQ D14 D6 D0 D10 D12 D11 RFU RFU D8 D1 D9 D4 D3 D15 RFU Easy BGA Bottom View- Ball side up 1 82 3 4 5 6 7 CE2# RFU D13 VSS D7 A24 256M VSS H WE# G BYTE# OE# F E STS D A4 A5 A11 RFU RP# A16 A17 RFU C A3 A7 A10 A15 A12 A20 A21 RFU B A2 VSS A9 A14 CEO# A19 CE1# RFU A A1 A6 A8 A13 VPEN A18 A22 VCC A23 128M A0 D2 D5 VCCQ D14 D6 D0 D10 D12 D11 RFU RFU D8 D1 D9 D4 D3 D15 RFU VCC VCC |