công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX58200 bảng dữ liệu(PDF) 62 Page - ASIX Electronics Corporation

tên linh kiện AX58200
Giải thích chi tiết về linh kiện  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASIX [ASIX Electronics Corporation]
Trang chủ  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 bảng dữ liệu(HTML) 62 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 58Page - ASIX Electronics Corporation AX58200 Datasheet HTML 59Page - ASIX Electronics Corporation AX58200 Datasheet HTML 60Page - ASIX Electronics Corporation AX58200 Datasheet HTML 61Page - ASIX Electronics Corporation AX58200 Datasheet HTML 62Page - ASIX Electronics Corporation AX58200 Datasheet HTML 63Page - ASIX Electronics Corporation AX58200 Datasheet HTML 64Page - ASIX Electronics Corporation AX58200 Datasheet HTML 65Page - ASIX Electronics Corporation AX58200 Datasheet HTML 66Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 180 page
background image
62
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.3.8
HXT clock
The High Speed Crystal (HXT) can be generated from two possible clock sources:
⚫
HXT external crystal oscillator
⚫
HXT user external clock
Figure 2.3-8:HXT Clock Source
External source (HXT OSC Mode)
The clock sources can be input from the external pin (PF.3).
When writing 1 to CFGXT1(CONFIG0[27]), HXT work as crystal mode. PF.2 and PF.3 are configured as
external high speed crystal (HXT) pins. When writing 0 to CFGXT1 (CONFIG0[27]), HXT work as external
clock mode. PF.3 is configured as external clock input pin. PF.3 MFP should be setting as GPIO mode. The DC
characteristic of XT1_IN is the same as GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More