| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX58200 bảng dữ liệu(PDF) 44 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX58200 bảng dữ liệu(HTML) 44 Page - ASIX Electronics Corporation |
|
44 / 180 page ![]() 44 Copyright © 2019 ASIX Electronics Corporation. All rights reserved. AX58200 EtherCAT Slave Controller SoC Idle Mode NPD, LLPD, FWPD SPD0, SPD1, DPD HXT ON Halt Halt Halt HIRC ON Halt Halt Halt LXT ON ON/OFF[1] ON/OFF[1] ON/OFF[1] LIRC ON ON/OFF[2] ON/OFF[2] ON/OFF[2] PLL ON Halt Halt Halt HCLK/PCLK ON Halt Halt Halt CPU Halt Halt Halt Halt SRAM Retention ON ON Halt Halt FLASH ON Halt Halt Halt TIMER ON ON/OFF[3] ON/OFF[3] Halt WDT ON ON/OFF[4] ON/OFF[4] Halt RTC ON ON/OFF[5] ON/OFF[5] ON/OFF[5] UART ON ON/OFF[6] ON/OFF[6] Halt Others ON Halt Halt Halt Table 2.2-5: Clocks in Power Modes Note: 1. LXT ON or OFF depends on SW setting in normal mode. 2. LIRC ON or OFF depends on S/W setting in normal mode. 3. If TIMER clock source is selected as LIRC/LXT and LIRC/LXT is on. 4. If WDT clock source is selected as LIRC and LIRC is on. 5. If RTC clock source is selected as LXT and LXT is on. 6. If UART clock source is selected as LXT and LXT is on. Wake-up sources in Normal Power-down mode (NPD): RTC, WDT, I²C, Timer, UART, USCI, BOD, EBOD, GPIO, USBD, and ACMP. After chip enters power down, the following wake-up sources can wake chip up to normal mode. Table 2.2-6 lists the condition about how to enter Power-down mode again for each peripheral. User needs to wait this condition before setting PDEN(CLK_PWRCTL[7]) and executing WFI to enter Power- down mode. Wake-Up Source Wake-Up Condition Power-Down Mode Re-Entering Power-Down Mode Condition NPD/ FWPD/ LLPD SPD0/1 DPD BOD Brown-Out Detector Reset / Interrupt V - - After software writes 1 to clear BODIF (SYS_BODCTL[4]). Brown-Out Detector Reset - V - After software writes 1 to clear BODWK (CLK_PMUSTS[13]) when SPD mode is entered. LVR LVR Reset V - - After software writes 1 to clear LVRF (SYS_RSTSTS[3]) - V - After software writes 1 to clear LVRWK (CLK_PMUSTS[12]) when SPD mode is entered. |