| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS7620 bảng dữ liệu(PDF) 7 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS7620 bảng dữ liệu(HTML) 7 Page - Cirrus Logic |
|
7 / 70 page ![]() CS7620 DS301PP2 7 SERIAL INTERFACE TIMING SPECIFICATIONS Notes: 1. the minimum serial clock period must be longer than two pixel clock periods. Description Symbol Minimum Maximum Unit Enable Setup t1 10 - ns SDAT Setup t2 10 - ns SDAT Hold t3 10 - ns Serial Clock Period (Note 1) t4 143 - ns Write Data Invalid t5 0 10 ns Read Data Valid t6 0 10 ns Clock to Disable t7 143 - ns SEN Rise to SEN Fall t8 200 - ns Figure 1. SEN Timing SCLK SDATI R/W, ADDR <6.0> DATA <7.0> t7 t8 t1 SEN Figure 2. Serial Write Timing SDATI t4 SCLK SEN t2 t3 R/W A6 A5 A6 A3 Figure 3. Read Data Timing SCLK A0 XX (DON’T CARE) SDATI t5 t6 D7 D6 D5 SDATO |