| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT75VL00D bảng dữ liệu(PDF) 79 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT75VL00D bảng dữ liệu(HTML) 79 Page - Exar Corporation |
|
79 / 92 page ![]() XRT75VL00D REV. 1.0.3 E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER 74 Telcordia GR-253-CORE defines an "Continuous Add" Pointer Adjustment, as the "Continuous" Pointer Adjustment pattern, with an additional pointer adjustment inserted, as shown above in Figure 55. Telcordia GR-253-CORE mandates that the Intrinsic Jitter, within the DS3 signal that is de-mapped from a SONET signal, which is experiencing the "Continuous Add" pattern of Pointer Adjustments, must not exceed 1.3UI-pp. 9.5.10 Continuous Cancel Figure 56 presents an illustration of the "Continuous Cancel Pattern" Pointer Adjustment Scenario per Telcordia GR-253-CORE. FIGURE 55. ILLUSTRATION OF CONTINUOUS-ADD POINTER ADJUSTMENT SCENARIO FIGURE 56. ILLUSTRATION OF CONTINUOUS-CANCEL POINTER ADJUSTMENT SCENARIO Continuous Pointer Adjustments Continuous Pointer Adjustments Added Pointer Adjustment Tt Continuous Pointer Adjustments T Cancelled Pointer Adjustment |