công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT75VL00D bảng dữ liệu(PDF) 58 Page - Exar Corporation

tên linh kiện XRT75VL00D
Giải thích chi tiết về linh kiện  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D bảng dữ liệu(HTML) 58 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 54Page - Exar Corporation XRT75VL00D Datasheet HTML 55Page - Exar Corporation XRT75VL00D Datasheet HTML 56Page - Exar Corporation XRT75VL00D Datasheet HTML 57Page - Exar Corporation XRT75VL00D Datasheet HTML 58Page - Exar Corporation XRT75VL00D Datasheet HTML 59Page - Exar Corporation XRT75VL00D Datasheet HTML 60Page - Exar Corporation XRT75VL00D Datasheet HTML 61Page - Exar Corporation XRT75VL00D Datasheet HTML 62Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
53
Although the role of the H1, H2 and H3 bytes will be discussed in much greater detail in “Section 9.3, Jitter/
Wander due to Pointer Adjustments” on page 60. For now, we will simply state that the role of these bytes is
two-fold.
• To permit a given PTE (Path Terminating Equipment) that is receiving an STS-1 data to be able to locate the
STS-1 SPE (Synchronous Payload Envelope) within the Envelope Capacity of this incoming STS-1 data
stream and,
• To inform a given PTE whenever Pointer Adjustment and NDF (New Data Flag) events occur within the
incoming STS-1 data-stream.
9.2.1.1.2
The Envelope Capacity Bytes within an STS-1 Frame
In general, the Envelope Capacity Bytes are any bytes (within an STS-1 frame) that exist outside of the TOH
bytes. In short, the Envelope Capacity contains the STS-1 SPE (Synchronous Payload Envelope). In fact,
every single byte that exists within the Envelope Capacity also exists within the STS-1 SPE.
The only
difference that exists between the "Envelope Capacity" as defined in Figure 33 and Figure 34 above and the
STS-1 SPE is that the Envelope Capacity is aligned with the STS-1 framing boundaries and the TOH bytes;
whereas the STS-1 SPE is NOT aligned with the STS-1 framing boundaries, nor the TOH bytes.
The STS-1 SPE is an "87 byte column x 9 row" data-structure (which is the exact same size as is the Envelope
Capacity) that is permitted to "float" within the "Envelope Capacity". As a consequence, the STS-1 SPE (within
an STS-1 data-stream) will typically straddle across an STS-1 frame boundary.
9.2.1.1.3
The Byte Structure of the STS-1 SPE
As mentioned above, the STS-1 SPE is an 87 byte column x 9 row structure. The very first column within the
STS-1 SPE consists of some overhead bytes which are known as the "Path Overhead" (or POH) bytes. The
remaining portions of the STS-1 SPE is available for "user" data. The Byte Structure of the STS-1 SPE is
presented below in Figure 35.
FIGURE 34. THE BYTE-FORMAT OF THE TOH WITHIN AN STS-1 FRAME
A1
A1
B1
B1
D1
D1
H1
H1
B2
B2
D4
D4
S1
S1
D10
D10
D7
D7
C1
C1
F1
F1
D3
D3
H3
H3
K2
K2
D6
D6
E2
E2
D12
D12
D9
D9
A2
A2
E1
E1
D2
D2
H2
H2
K1
K1
D5
D5
M0
M0
D11
D11
D8
D8
Envelope Capacity
Bytes
Envelope Capacity
Bytes
3 Byte Columns
87 Byte Columns
9 Rows
The TOH Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com