| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT75VL00D bảng dữ liệu(PDF) 77 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT75VL00D bảng dữ liệu(HTML) 77 Page - Exar Corporation |
|
77 / 92 page ![]() XRT75VL00D REV. 1.0.3 E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER 72 Telcordia GR-253-CORE defines an "87-3 Add" Pointer Adjustment, as the "87-3 Continuous" Pointer Adjustment pattern, with an additional pointer adjustment inserted, as shown above in Figure 52. Telcordia GR-253-CORE mandates that the Intrinsic Jitter, within the DS3 signal that is de-mapped from a SONET signal, which is experiencing the "87-3 Add" pattern of Pointer Adjustments, must not exceed 1.3UI- pp. 9.5.7 87-3 Cancel Figure 53 presents an illustration of the 87-3 Cancel Pattern Pointer Adjustment Scenario per Telcordia GR- 253-CORE. FIGURE 52. ILLUSTRATION OF THE 87-3 ADD POINTER ADJUSTMENT PATTERN FIGURE 53. ILLUSTRATION OF 87-3 CANCEL POINTER ADJUSTMENT SCENARIO 43 Pointer Adjustments 43 Pointer Adjustments Added Pointer Adjustment No Pointer Adjustments Tt 86 or 87 Pointer Adjustments No Pointer Adjustments T Cancelled Pointer Adjustment |