| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAF-C161PI bảng dữ liệu(PDF) 71 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SAF-C161PI bảng dữ liệu(HTML) 71 Page - Infineon Technologies AG |
|
71 / 400 page ![]() &3, 7KH &HQWUDO 3URFHVVLQJ 8QLW &38 User’s Manual 4-23 1999-08 The Data Page Pointers DPP0, DPP1, DPP2, DPP3 These four non-bit addressable registers select up to four different data pages being active simultaneously at run-time. The lower 10 bits of each DPP register select one of the 1024 possible 16-Kbyte data pages while the upper 6 bits are reserved for future use. The DPP registers allow to access the entire memory space in pages of 16 Kbytes each. DPP0 Data Page Pointer 0 SFR (FE00 H/00H) Reset value: 0000 H 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 - --- -- DPP0PN - - - - - - rw DPP1 Data Page Pointer 1 SFR (FE02 H/01H) Reset value: 0001 H 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 - --- -- DPP1PN - - - - - - rw DPP2 Data Page Pointer 2 SFR (FE04 H/02H) Reset value: 0002 H 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 - --- -- DPP2PN - - - - - - rw DPP3 Data Page Pointer 3 SFR (FE06 H/03H) Reset value: 0003 H 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 - --- -- DPP3PN - - - - - - rw Bit Function DPPxPN Data Page Number of DPPx Specifies the data page selected via DPPx. Only the least significant two bits of DPPx are significant, when segmentation is disabled. |