| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAF-C161PI bảng dữ liệu(PDF) 40 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SAF-C161PI bảng dữ liệu(HTML) 40 Page - Infineon Technologies AG |
|
40 / 400 page ![]() &3, 0HPRU\ 2UJDQL]DWLRQ User’s Manual 3-4 1999-08 3.2 Internal RAM and SFR Area The RAM/SFR area is located within data page 3 and provides access to the internal RAM (IRAM, organized as X*16) and to two 512 Byte blocks of Special Function Registers (SFRs). The C161PI provides 1 KByte of IRAM. Figure 3-3 System Memory Map Ext. Memory 00’FFFF H 00’8000 H 00’E000 H 00’C000 H 00’F000 H Ext. Memory IRAM/SFR XRAM/X-Per. XRAM 00’E000 H 00’FFFF H 00’F000 H SFR Area ESFR Area IRAM Reserved 00’ED00 H Note: New XBUS peripherals will be preferably placed into the shaded areas, which now access external memory (bus cycles executed). 00’FA00 H Reserved I 2C Reserved 00’E7FF H |