công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAFC161PI bảng dữ liệu(PDF) 60 Page - Infineon Technologies AG

tên linh kiện SAFC161PI
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI bảng dữ liệu(HTML) 60 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 56Page - Infineon Technologies AG SAFC161PI Datasheet HTML 57Page - Infineon Technologies AG SAFC161PI Datasheet HTML 58Page - Infineon Technologies AG SAFC161PI Datasheet HTML 59Page - Infineon Technologies AG SAFC161PI Datasheet HTML 60Page - Infineon Technologies AG SAFC161PI Datasheet HTML 61Page - Infineon Technologies AG SAFC161PI Datasheet HTML 62Page - Infineon Technologies AG SAFC161PI Datasheet HTML 63Page - Infineon Technologies AG SAFC161PI Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 400 page
background image
&3,
7KH &HQWUDO 3URFHVVLQJ 8QLW &38
User’s Manual
4-12
1999-08
4.4
Instruction State Times
Basically, the time to execute an instruction depends on where the instruction is fetched
from, and where possible operands are read from or written to. The fastest processing
mode of the C161PI is to execute a program fetched from the internal code memory. In
that case most of the instructions can be processed within just one machine cycle, which
is also the general minimum execution time.
All external memory accesses are performed by the C161PI’s on-chip External Bus
Controller (EBC), which works in parallel with the CPU.
This section summarizes the execution times in a very condensed way. A detailled
description of the execution times for the various instructions and the specific exceptions
can be found in the “C16x Family Instruction Set Manual”.
The table below shows the minimum execution times required to process a C161PI
instruction fetched from the internal code memory, the internal RAM or from external
memory. These execution times apply to most of the C161PI instructions - except some
of the branches, the multiplication, the division and a special move instruction. In case
of internal ROM program execution there is no execution time dependency on the
instruction length except for some special branch situations. The numbers in the table
are in units of CPU clock cycles and assume no waitstates.
Execution from the internal RAM provides flexibility in terms of loadable and modifyable
code on the account of execution time.
Execution from external memory strongly depends on the selected bus mode and the
programming of the bus cycles (waitstates).
Table 4-1
Minimum Execution Times
Instruction Fetch
Word Operand Access
Memory Area
Word
Instruction
Doubleword
Instruction
Read from
Write to
Internal code memory
2
2
2
---
Internal RAM
6
8
0/1
0
16-bit Demux Bus
2
4
2
2
16-bit Mux Bus
3
6
3
3
8-bit Demux Bus
4
8
4
4
8-bit Mux Bus
6
12
6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com