| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1306Z bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1306Z bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 65 page ![]() Solomon Systech Apr 2008 P 4/59 Rev 1.1 SSD1306 TABLES TABLE 5-1 : SSD1306Z BUMP DIE PAD COORDINATES...................................................................................................... 10 TABLE 6-1 : SSD1306TR1 PIN ASSIGNMENT TABLE.......................................................................................................... 12 TABLE 7-1 : MCU BUS INTERFACE PIN SELECTION............................................................................................................ 14 TABLE 8-1 : MCU INTERFACE ASSIGNMENT UNDER DIFFERENT BUS INTERFACE MODE ...................................................... 15 TABLE 8-2 : CONTROL PINS OF 6800 INTERFACE................................................................................................................. 15 TABLE 8-3 : CONTROL PINS OF 8080 INTERFACE................................................................................................................. 17 TABLE 8-4 : CONTROL PINS OF 4-WIRE SERIAL INTERFACE................................................................................................. 17 TABLE 8-5 : CONTROL PINS OF 3-WIRE SERIAL INTERFACE................................................................................................. 18 TABLE 9-1: COMMAND TABLE ........................................................................................................................................... 28 TABLE 9-2 : READ COMMAND TABLE................................................................................................................................. 33 TABLE 9-3 : ADDRESS INCREMENT TABLE (AUTOMATIC) ................................................................................................... 33 TABLE 10-1 : EXAMPLE OF SET DISPLAY OFFSET AND DISPLAY START LINE WITH NO REMAP.......................................... 38 TABLE 10-2 :EXAMPLE OF SET DISPLAY OFFSET AND DISPLAY START LINE WITH REMAP ................................................ 39 TABLE 10-3 : COM PINS HARDWARE CONFIGURATION ..................................................................................................... 40 TABLE 11-1 : MAXIMUM RATINGS (VOLTAGE REFERENCED TO VSS)................................................................................ 47 TABLE 12-1 : DC CHARACTERISTICS.................................................................................................................................. 48 TABLE 13-1 : AC CHARACTERISTICS.................................................................................................................................. 49 TABLE 13-2 : 6800-SERIES MCU PARALLEL INTERFACE TIMING CHARACTERISTICS......................................................... 50 TABLE 13-3 : 8080-SERIES MCU PARALLEL INTERFACE TIMING CHARACTERISTICS......................................................... 51 TABLE 13-4 : 4-WIRE SERIAL INTERFACE TIMING CHARACTERISTICS ................................................................................ 52 TABLE 13-5 : 3-WIRE SERIAL INTERFACE TIMING CHARACTERISTICS ................................................................................ 53 TABLE 13-6 :I2C INTERFACE TIMING CHARACTERISTICS.................................................................................................... 54 |