công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSD1306Z bảng dữ liệu(PDF) 25 Page - List of Unclassifed Manufacturers

tên linh kiện SSD1306Z
Giải thích chi tiết về linh kiện  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z bảng dữ liệu(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
SSD1306
Rev 1.1
P 25/59
Apr 2008
Solomon Systech
8.7
Graphic Display Data RAM (GDDRAM)
The GDDRAM is a bit mapped static RAM holding the bit pattern to be displayed. The size of the RAM is
128 x 64 bits and the RAM is divided into eight pages, from PAGE0 to PAGE7, which are used for
monochrome 128x64 dot matrix display, as shown in Figure 8-13.
Figure 8-13 : GDDRAM pages structure of SSD1306
Row re-mapping
PAGE0 (COM0-COM7)
Page 0
PAGE0 (COM 63-COM56)
PAGE1 (COM8-COM15)
Page 1
PAGE1 (COM 55-COM48)
PAGE2 (COM16-COM23)
Page 2
PAGE2 (COM47-COM40)
PAGE3 (COM24-COM31)
Page 3
PAGE3 (COM39-COM32)
PAGE4 (COM32-COM39)
Page 4
PAGE4 (COM31-COM24)
PAGE5 (COM40-COM47)
Page 5
PAGE5 (COM23-COM16)
PAGE6 (COM48–COM55)
Page 6
PAGE6 (COM15-COM8)
PAGE7 (COM56-COM63)
Page 7
PAGE7 (COM 7-COM0)
SEG0 ---------------------------------------------SEG127
Column re-mapping
SEG127 ---------------------------------------------SEG0
When one data byte is written into GDDRAM, all the rows image data of the same page of the current
column are filled (i.e. the whole column (8 bits) pointed by the column address pointer is filled.). Data bit D0
is written into the top row, while data bit D7 is written into bottom row as shown in Figure 8-14.
Figure 8-14 : Enlargement of GDDRAM (No row re-mapping and column-remapping)
For mechanical flexibility, re-mapping on both Segment and Common outputs can be selected by software as
shown in Figure 8-13.
For vertical shifting of the display, an internal register storing the display start line can be set to control the
portion of the RAM data to be mapped to the display (command D3h).
LSB D0
MSB D7
Each box represents one bit of image data
....................
PAGE2
COM16
COM17
:
:
:
:
:
COM23
....................



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com