công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSD1306Z bảng dữ liệu(PDF) 29 Page - List of Unclassifed Manufacturers

tên linh kiện SSD1306Z
Giải thích chi tiết về linh kiện  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z bảng dữ liệu(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
SSD1306
Rev 1.1
P 29/59
Apr 2008
Solomon Systech
2. Scrolling Command Table
D/C# Hex
D7 D6 D5 D4 D3
D2
D1
D0
Command
Description
0
29/2A
0
0
1
0
1
0
X1
X0
0
A[2:0] 0
0
0
0
0
0
0
0
0
B[2:0]
*
*
*
*
*
B2
B1
B0
0
C[2:0]
*
*
*
*
*
C2
C1
C0
0
D[2:0] *
*
*
*
*
D2
D1
D0
0
E[5:0]
*
*
E5 E4
E3
E2
E1
E0
Continuous
Vertical and
Horizontal Scroll
Setup
29h, X1X0=01b : Vertical and Right Horizontal Scroll
2Ah, X1X0=10b : Vertical and Left Horizontal Scroll
(Horizontal scroll by 1 column)
A[7:0] : Dummy byte
B[2:0] : Define start page address
000b – PAGE0 011b – PAGE3 110b – PAGE6
001b – PAGE1 100b – PAGE4 111b – PAGE7
010b – PAGE2 101b – PAGE5
C[2:0] : Set time interval between each scroll step in
terms of frame frequency
000b – 5 frames
100b – 3 frames
001b – 64 frames
101b – 4 frames
010b – 128 frames
110b – 25 frame
011b – 256 frames
111b – 2 frame
D[2:0] : Define end page address
000b – PAGE0 011b – PAGE3 110b – PAGE6
001b – PAGE1 100b – PAGE4 111b – PAGE7
010b – PAGE2 101b – PAGE5
The value of D[2:0] must be larger or equal
to B[2:0]
E[5:0] : Vertical scrolling offset
e.g. E[5:0]= 01h refer to offset =1 row
E[5:0] =3Fh refer to offset =63 rows
Note
(1) No continuous vertical scrolling is available.
0
2E
0
0
1
0
1
1
1
0
Deactivate scroll Stop scrolling that is configured by command
26h/27h/29h/2Ah.
Note
(1) After sending 2Eh command to deactivate the scrolling
action, the ram data needs to be rewritten.
0
2F
0
0
1
0
1
1
1
1
Activate scroll
Start scrolling that is configured by the scrolling setup
commands :26h/27h/29h/2Ah with the following valid
sequences:
Valid command sequence 1: 26h ;2Fh.
Valid command sequence 2: 27h ;2Fh.
Valid command sequence 3: 29h ;2Fh.
Valid command sequence 4: 2Ah ;2Fh.
For example, if “26h; 2Ah; 2Fh.” commands are
issued, the setting in the last scrolling setup command,
i.e. 2Ah in this case, will be executed. In other words,
setting in the last scrolling setup command overwrites
the setting in the previous scrolling setup commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com