công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSD1306Z bảng dữ liệu(PDF) 23 Page - List of Unclassifed Manufacturers

tên linh kiện SSD1306Z
Giải thích chi tiết về linh kiện  128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1306Z bảng dữ liệu(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button SSD1306Z Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1306Z Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
SSD1306
Rev 1.1
P 23/59
Apr 2008
Solomon Systech
8.4
FR synchronization
FR synchronization signal can be used to prevent tearing effect.
The starting time to write a new image to OLED driver is depended on the MCU writing speed. If MCU can
finish writing a frame image within one frame period, it is classified as fast write MCU. For MCU needs
longer writing time to complete (more than one frame but within two frames), it is a slow write one.
For fast write MCU: MCU should start to write new frame of ram data just after rising edge of FR pulse and
should be finished well before the rising edge of the next FR pulse.
For slow write MCU: MCU should start to write new frame ram data after the falling edge of the 1
st FR
pulse and must be finished before the rising edge of the 3rd FR pulse.
8.5
Reset Circuit
When RES# input is LOW, the chip is initialized with the following status:
1. Display is OFF
2. 128 x 64 Display Mode
3. Normal segment and display data column address and row address mapping (SEG0 mapped to
address 00h and COM0 mapped to address 00h)
4. Shift register data clear in serial interface
5. Display start line is set at display RAM address 0
6. Column address counter is set at 0
7. Normal scan direction of the COM outputs
8. Contrast control register is set at 7Fh
9. Normal display mode (Equivalent to A4h command)
Fast write MCU
Slow write MCU
SSD1306 displaying memory updates to OLED screen
One frame
FR
100%
0%
Memory
Access
Process
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com