| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 283 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 283 Page - Renesas Technology Corp |
|
283 / 829 page ![]() Rev. 2.0, 08/02, page 243 of 788 11.2 Input/Output Pins Table 11.1 lists the FRT input and output pins. Table 11.1 Pin Configuration Name Abbreviation I/O Function Counter clock input pin FTCI Input FRC counter clock input Output compare A output pin FTOA Output Output compare A output Output compare B output pin FTOB Output Output compare B output Input capture A input pin FTIA Input Input capture A input Input capture B input pin FTIB Input Input capture B input Input capture C input pin FTIC Input Input capture C input Input capture D input pin FTID Input Input capture D input 11.3 Register Descriptions The FRT has the following registers. • Free-running counter (FRC) • Output compare register A (OCRA) • Output compare register B (OCRB) • Input capture register A (ICRA) • Input capture register B (ICRB) • Input capture register C (ICRC) • Input capture register D (ICRD) • Output compare register AR (OCRAR) • Output compare register AF (OCRAF) • Output compare register DM (OCRDM) • Timer interrupt enable register (TIER) • Timer control/status register (TCSR) • Timer control register (TCR) • Timer output compare control register (TOCR) Note: OCRA and OCRB share the same address. Register selection is controlled by the OCRS bit in TOCR. ICRA, ICRB, and ICRC share the same addresses with OCRAR, OCRAF, and OCRDM. Register selection is controlled by the ICRS bit in TOCR. |