| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 282 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 282 Page - Renesas Technology Corp |
|
282 / 829 page ![]() Rev. 2.0, 08/02, page 242 of 788 Figure 11.1 shows a block diagram of the FRT. Clock selector Clock Compare-match A OCRA (H/L) Comparator A Internal data bus FRC (H/L) Comparator B OCRB (H/L) ICRA (H/L) ICRB (H/L) ICRC (H/L) ICRD (H/L) TCSR FTCI FTOB FTIA External clock Internal clock ø/2 ø/8 ø/32 FTIB FTIC FTID FTOA Compare-match B Overflow Clear Input capture TIER TCR TOCR ICIA ICIB ICIC ICID Interrupt signal Legend OCRA, OCRB OCRAR,OCRAF OCRDM FRC ICRA to D TCSR TIER TCR TOCR : Output compare register A, B (16-bit) : Output compare register AR, AF (16-bit) : Output compare register DM (16-bit) : Free-running counter (16-bit) : Input capture registers A to D (16-bit) : Timer control/status register (8-bit) : Timer interrupt enable register (8-bit) : Timer control register (8-bit) : Timer output compare control register (8-bit) OCIA OCIB FOVI OCRAR/F (H/L) OCRDM L Comparator M Compare-match M × 1 × 2 Control logic Figure 11.1 Block Diagram of 16-Bit Free-Running Timer |