công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F2145 bảng dữ liệu(PDF) 204 Page - Renesas Technology Corp

tên linh kiện HD64F2145
Giải thích chi tiết về linh kiện  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 bảng dữ liệu(HTML) 204 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 200Page - Renesas Technology Corp HD64F2145 Datasheet HTML 201Page - Renesas Technology Corp HD64F2145 Datasheet HTML 202Page - Renesas Technology Corp HD64F2145 Datasheet HTML 203Page - Renesas Technology Corp HD64F2145 Datasheet HTML 204Page - Renesas Technology Corp HD64F2145 Datasheet HTML 205Page - Renesas Technology Corp HD64F2145 Datasheet HTML 206Page - Renesas Technology Corp HD64F2145 Datasheet HTML 207Page - Renesas Technology Corp HD64F2145 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 829 page
background image
Rev. 2.0, 08/02, page 164 of 788
8.3.2
Port 2 Data Register (P2DR)
P2DR stores output data for port 2.
Bit
Bit Name
Initial Value
R/W
Description
7
P27DR
0
R/W
6
P26DR
0
R/W
5
P25DR
0
R/W
4
P24DR
0
R/W
3
P23DR
0
R/W
2
P22DR
0
R/W
1
P21DR
0
R/W
0
P20DR
0
R/W
If a port 2 read is performed while P2DDR bits are
set to 1, the P2DR values are read directly,
regardless of the actual pin states. If a port 2 read
is performed while P2DDR bits are cleared to 0, the
pin states are read.
8.3.3
Port 2 Pull-Up MOS Control Register (P2PCR)
P2PCR controls the port 2 on-chip input pull-up MOSs.
Bit
Bit Name
Initial Value
R/W
Description
7
P27PCR
0
R/W
6
P26PCR
0
R/W
5
P25PCR
0
R/W
4
P24PCR
0
R/W
3
P23PCR
0
R/W
2
P22PCR
0
R/W
1
P21PCR
0
R/W
0
P20PCR
0
R/W
In modes 2 and 3, the input pull-up MOS is turned
on when a P2PCR bit is set to 1 in the input port
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More