công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F2145 bảng dữ liệu(PDF) 201 Page - Renesas Technology Corp

tên linh kiện HD64F2145
Giải thích chi tiết về linh kiện  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 bảng dữ liệu(HTML) 201 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 197Page - Renesas Technology Corp HD64F2145 Datasheet HTML 198Page - Renesas Technology Corp HD64F2145 Datasheet HTML 199Page - Renesas Technology Corp HD64F2145 Datasheet HTML 200Page - Renesas Technology Corp HD64F2145 Datasheet HTML 201Page - Renesas Technology Corp HD64F2145 Datasheet HTML 202Page - Renesas Technology Corp HD64F2145 Datasheet HTML 203Page - Renesas Technology Corp HD64F2145 Datasheet HTML 204Page - Renesas Technology Corp HD64F2145 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 829 page
background image
Rev. 2.0, 08/02, page 161 of 788
8.2.2
Port 1 Data Register (P1DR)
P1DR stores output data for the port 1 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P17DR
0
R/W
6
P16DR
0
R/W
5
P15DR
0
R/W
4
P14DR
0
R/W
3
P13DR
0
R/W
2
P12DR
0
R/W
1
P11DR
0
R/W
0
P10DR
0
R/W
If a port 1 read is performed while the P1DDR bits
are set to 1, the P1DR values are read. If a port 1
read is performed while the P1DDR bits are cleared
to 0, the pin states are read.
8.2.3
Port 1 Pull-Up MOS Control Register (P1PCR)
P1PCR controls the on/off status of the port 1 on-chip input pull-up MOSs.
Bit
Bit Name
Initial Value
R/W
Description
7
P17PCR
0
R/W
6
P16PCR
0
R/W
5
P15PCR
0
R/W
4
P14PCR
0
R/W
3
P13PCR
0
R/W
2
P12PCR
0
R/W
1
P11PCR
0
R/W
0
P10PCR
0
R/W
When the pins are in input state, the corresponding
input pull-up MOS is turned on when a P1PCR bit
is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More