công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F2145 bảng dữ liệu(PDF) 124 Page - Renesas Technology Corp

tên linh kiện HD64F2145
Giải thích chi tiết về linh kiện  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 bảng dữ liệu(HTML) 124 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 120Page - Renesas Technology Corp HD64F2145 Datasheet HTML 121Page - Renesas Technology Corp HD64F2145 Datasheet HTML 122Page - Renesas Technology Corp HD64F2145 Datasheet HTML 123Page - Renesas Technology Corp HD64F2145 Datasheet HTML 124Page - Renesas Technology Corp HD64F2145 Datasheet HTML 125Page - Renesas Technology Corp HD64F2145 Datasheet HTML 126Page - Renesas Technology Corp HD64F2145 Datasheet HTML 127Page - Renesas Technology Corp HD64F2145 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 829 page
background image
Rev. 2.0, 08/02, page 84 of 788
4.7
Usage Note
When accessing word data or longword data, this LSI assumes that the lowest address bit is 0. The
stack should always be accessed in words or longwords, and the value of the stack pointer (SP:
ER7) should always be kept even.
Use the following instructions to save registers:
PUSH.W
Rn
(or MOV.W Rn, @-SP)
PUSH.L
ERn
(or MOV.L ERn, @-SP)
Use the following instructions to restore registers:
POP.W
Rn
(or MOV.W @SP+, Rn)
POP.L
ERn
(or MOV.L @SP+, ERn)
Setting SP to an odd value may lead to a malfunction. Figure 4.3 shows an example of what
happens when the SP value is odd.
SP
CCR :
PC :
R1L :
SP :
Condition code register
Program counter
General register R1L
Stack pointer
CCR
SP
SP
R1L
H'FFEFFA
H'FFEFFB
H'FFEFFC
H'FFEFFD
H'FFEFFF
PC
PC
TRAPA instruction executed
SP set to H'FFFEFF
Data saved above SP
MOV.B R1L, @-ER7 executed
Contents of CCR lost
Address
Legend
Note: This diagram illustrates an example in which the interrupt control mode is 0 in advanced mode.
Figure 4.3 Operation when SP Value is Odd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More