| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145 bảng dữ liệu(PDF) 346 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 bảng dữ liệu(HTML) 346 Page - Renesas Technology Corp |
|
346 / 829 page ![]() Rev. 2.0, 08/02, page 306 of 788 Bit Bit Name Initial Value R/W Description 3 2 VOMOD1 VOMOD0 0 0 R/W R/W Vertical Synchronization Output Mode Select 1, 0 These bits select the signal source and generation method for the IVO signal. • ISGENE = 0 00: The IVI signal (without fall modification or IHI synchronization) is selected 01: The IVI signal (without fall modification, with IHI synchronization) is selected 10: The IVI signal (with fall modification, without IHI synchronization) is selected 11: The IVI signal (with fall modification and IHI synchronization) is selected • ISGENE = 1 XX: The IVG signal is selected 1 0 CLMOD1 CLMOD0 0 0 R/W R/W Clamp Waveform Mode Select 1, 0 These bits select the signal source for the CLO signal (clamp waveform). • ISGENE = 0 00: The CL1 signal is selected 01: The CL2 signal is selected 1X: The CL3 signal is selected • ISGENE = 1 XX: The CL4 signal is selected Legend X: Don’t care Table 13.3 Registers Accessible by TMR_X/TMR_Y TMRX/Y H'FFF0 H'FFF1 H'FFF2 H'FFF3 H'FFF4 H'FFF5 H'FFF6 H'FFF7 0TMR_X TCR_X TMR_X TCSR_X TMR_X TICRR TMR_X TICRF TMR_X TCNT_X TMR_X TCORC 1TMR_Y TCR_Y TMR_Y TCSR_Y TMR_Y TCORA_Y TMR_Y TCORB_Y TMR_Y TCNT_Y TMR_Y TISR TMR_X TCORA_X TMR_X TCORB_X |