| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9929BBCZ bảng dữ liệu(PDF) 59 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9929BBCZ bảng dữ liệu(HTML) 59 Page - Analog Devices |
|
59 / 64 page ![]() AD9929 Rev. A | Page 59 of 64 N N + 1 N + 2 N + 4 N + 5 N – 10 N – 9 N – 8 N – 7 N – 6 N – 5 N – 4 N – 3 N – 2 N – 1 NOTES 1. RECOMMENDED PLACEMENT FOR CLI RISING EDGE IS BETWEEN THE SHD RISING EDGE AND NEXT SHP FALLING EDGE. 2. CCD SIGNAL IS SAMPLED AT SHP AND SHD RISING EDGES. 3. OUTPUT DATA LATENCY IS NINE CYCLES. SHP SHD CLI OUTPUT DATA CCD SIGNAL N + 7 N + 8 N + 10 N N + 3 N + 6 N + 9 CYCLE 1 CYCLE 2 CYCLE 3 CYCLE 4 CYCLE 5 CYCLE 6 CYCLE 7 CYCLE 8 CYCLE 9 tS1 ( tOD + tVCLIDLY) tID tID N + 11 Figure 70. Output Data Pipeline Delay |