| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25B16CSIG bảng dữ liệu(PDF) 51 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25B16CSIG bảng dữ liệu(HTML) 51 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
51 / 53 page ![]() 3.3V Uniform Sector Dual and Quad Serial Flash GD25B16C 51 10.2. Package WSON8 (6*5mm) D E Top View D2 E2 L b e Bottom View c A1 A Side View PIN 1# 1 4 8 5 Dimensions Symbol A A1 c b D D2 E E2 e L Unit mm Min 0.70 0.00 0.180 0.35 5.90 3.30 4.90 3.90 1.27 0.50 Nom 0.75 0.02 0.203 0.40 6.00 3.40 5.00 4.00 0.60 Max 0.80 0.05 0.250 0.50 6.10 3.50 5.10 4.10 0.75 Note: 1. Both the package length and width do not include the mold flash. 2. The exposed metal pad area on the bottom of the package is floating. 3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm. 4. The lead shape may be of little difference according to different package lead frames. These lead shapes are compatible with each other. |