công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25B16CSIG bảng dữ liệu(PDF) 32 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25B16CSIG
Giải thích chi tiết về linh kiện  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B16CSIG bảng dữ liệu(HTML) 32 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B16CSIG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25B16CSIG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25B16CSIG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25B16CSIG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25B16CSIG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25B16CSIG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25B16CSIG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25B16CSIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25B16CSIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B16C
32
Figure 27. High Performance Mode Sequence Diagram
7.24.
Continuous Read Mode Reset (CRMR) (FFH)
The Dual/Quad I/O Fast Read
operations, “Continuous Read Mode” bits (M7-0) are implemented to further reduce
command overhead. By setting the (M7-0) to AXH, the next Dual/Quad I/O Fast Read operations do not require the
BBH/EBH/E7H command code.
Because the GD25B16C has no hard
ware reset pin, so if Continuous Read Mode bits are set to “AXH”, the GD25B16C
will not recognize any standard SPI commands. So Continuous Read Mode Reset command will release the Continuous
Read Mode from the “AXH” state and allow standard SPI command to be recognized. The command sequence is show in
Figure28.
Figure 28. Continuous Read Mode Reset Sequence Diagram
0
1
2
3
4
5
6
7
CS#
SCLK
SI(IO0)
SO(IO1)
IO2
IO3
FFH
Mode Bit Reset for Quad/Dual I/O
Don`t Care
Don`t Care
Don`t Care
Command
0
1
2
3
4
5
6
7
A3H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
3 Dummy Bytes
23 22
SO
High Performance Mode
HPM
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53