| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25B16CSIG bảng dữ liệu(PDF) 37 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25B16CSIG bảng dữ liệu(HTML) 37 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
37 / 53 page ![]() 3.3V Uniform Sector Dual and Quad Serial Flash GD25B16C 37 7.31. Enable Reset (66H) and Reset (99H) If the Reset command is accepted, any on-going internal operation will be terminated and the device will return to its default power-on state and lose all the current volatile settings, such as Volatile Status Register bits, Write Enable Latch status (WEL), Program/Erase Suspend status, Read Parameter setting (P7-P0), Continuous Read Mode bit setting (M7- M0) and Wrap Bit Setting (W6-W4). The “Reset (99H)” command sequence as follow: CS# goes low Sending Enable Reset command CS# goes high CS# goes low Sending Reset command CS# goes high. Once the Reset command is accepted by the device, the device will take approximately tRST/ tRST_E to reset. During this period, no command will be accepted. Data corruption may happen if there is an on-going or suspended internal Erase or Program operation when Reset command sequence is accepted by the device. It is recommended to check the BUSY bit and the SUS bit in Status Register before issuing the Reset command sequence. Figure 35. Enable Reset and Reset command Sequence Diagram 7.32. Read Serial Flash Discoverable Parameter (5AH) The Serial Flash Discoverable Parameter (SFDP) standard provides a consistent method of describing the functional and feature capabilities of serial flash devices in a standard set of internal parameter tables. These parameter tables can be interrogated by host system software to enable adjustments needed to accommodate divergent features from multiple vendors. The concept is similar to the one found in the Introduction of JEDEC Standard, JESD68 on CFI. SFDP is a standard of JEDEC Standard No.216. Figure 36. Read Serial Flash Discoverable Parameter command Sequence Diagram Command 0 1 2 3 4 5 6 7 5AH CS# SCLK SI SO High-Z 8 9 10 28 29 30 31 3 2 1 0 23 22 21 24-bit address MSB 34 35 36 37 33 6 5 4 3 2 1 0 38 39 Data Out1 32 42 43 44 45 41 46 47 40 7 6 5 4 3 2 1 0 7 6 5 7 Data Out2 CS# SCLK SI SO MSB Dummy Byte Command 0 1 2 3 4 5 6 7 66H CS# SCLK SI SO High-Z Command 0 1 2 3 4 5 6 7 99H |