| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD5F1GQ4REFJS bảng dữ liệu(PDF) 51 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F1GQ4REFJS bảng dữ liệu(HTML) 51 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
51 / 60 page ![]() SPI(x1/x2/x4) NAND Flash 1G 51 19 PERFORMANCE TIMING Symbol Parameter Min. Typ. Max. Unit. TRST CS# High To Next Command After Reset(FFh) 500 us tRD Read From Array 80 us tPROG Page Programming Time 0.4 0.7 ms tBERS Block Erase Time 3 5 ms Figure19-1. Serial Input Timing SCLK CS# SI MSB SO High-Z LSB tCHSL tSLCH tDVCH tCHDX tSHCH tCHSH tCHCL tCLCH tSHSL Figure19-2. Output Timing CS# SCLK SO SI Least significant address bit (LIB) in tCLQV tCLQX tCLQX tCLQV tCH tCL tSHQZ LSB Figure19-3. Hold Timing CS# SCLK SO HOLD# tCHHL tHLQZ tHLCH tCHHH tHHCH tHHQX SI do not care during HOLD operation. |