| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD5F1GQ4REFJS bảng dữ liệu(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F1GQ4REFJS bảng dữ liệu(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
35 / 60 page ![]() SPI(x1/x2/x4) NAND Flash 1G 35 10.7 Program Load Random Data x4 (C4H/34H) The Program Load Random Data x4 command (C4H/34H) is similar to the Program Load Random Data command (84H) but with the capability to input the data bytes by four pins: SIO0, SIO1, SIO2, and SIO3. The command sequence is shown below. The Quad Enable bit (QE) of feature (B0[0]) must be set to enable for the program load random data x4 command. See Figure10-5 for details. Those two commands are only available during internal data move sequence. Figure10-5. Program Load Random Data x4 Sequence Diagram Command 0 1 2 3 4 5 6 7 C4H/34H CS# SCLK 8 9 10 20 21 22 23 3 2 1 0 15 14 13 24 25 26 27 4 0 28 29 30 31 SI(SIO0) SO(SIO1) WP#(SIO2) HOLD#(SIO3) 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 Byte1 Byte2 CS# SCLK SI(SIO0) SO(SIO1) WP#(SIO2) HOLD#(SIO3) 34 35 36 37 33 38 39 32 42 43 44 45 41 46 47 40 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 Byte11 4 0 5 1 6 2 7 3 Byte12 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 4 0 5 1 6 2 7 3 Byte 2176/2112 Dummy<3:0>, A11-A0 Note: when internal ECC disabled the Data is 2176, when internal ECC enabled the Data is 2112. |