công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16GP-DHT bảng dữ liệu(PDF) 44 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT bảng dữ liệu(HTML) 44 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 40Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 41Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 42Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 43Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 44Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 45Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 46Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 47Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 48Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 160 page
background image
Version 2.2
44
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Timing detail of Write Leveling exit
Extended Temperature Usage
Nanya
’s DDR3(L) SDRAM supports the optional extended temperature range of 0°C to +95°C, TC. Thus, the SRT and ASR
options must be used at a minimum. The extended temperature range DRAM must be refreshed externally at 2X (double
refresh) anytime the case temperature is above +85°C (in supporting temperature range). The external refreshing
requirement is accomplished by reducing the refresh period from 64ms to 32ms. However, self refresh mode requires either
ASR or SRT to support the extended temperature. Thus either ASR or SRT must be enabled when TC is above +85°C or
self refresh cannot be used until the case temperature is at or below +85°C.
Mode Register Description
Field
Bits
Description
ASR
MR2(A6)
Auto Self-Refresh (ASR)
When enabled, DDR3(L) SDRAM automatically provides Self-Refresh power management functions for all
supported operating temperature values. If not enabled, the SRT bit must be programmed to indicate TOPER
during subsequent Self-Refresh operation.
0 = Manual SR Reference (SRT)
1 = ASR enable
SRT
MR2(A7)
Self-Refresh Temperature (SRT) Range
If ASR = 0, the SRT bit must be programmed to indicate TOPER during subsequent Self-Refresh operation. If
ASR = 1, SRT bit must be set to 0.
0 = Normal operating temperature range
1 = Extended operating temperature range
CK
CK
T0
T1
Ta0
Tc0
Tc1
Tc2
Td1
Te1
CMD
BA
tIS
tMOD
tMRD
ODT
RTT_DQS_DQS
DQS_DQS
Result = 1
tWLO
DQ
RTT_Nom
Td0
Te0
T2
Tb0
tAOFmin
tAOFmax
Transitioning
Time Break
Do not Care
Undefined
Driving Mode
NOP
NOP
NOP
NOP
NOP
NOP
NOP
MRS
NOP
Valid
NOP
Valid
MR1
Valid
Valid
tODTLoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com