công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16GP-DHT bảng dữ liệu(PDF) 10 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT bảng dữ liệu(HTML) 10 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 9Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 10Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 11Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 12Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 13Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 14Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 160 page
background image
Version 2.2
10
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Simplified State Diagram
Power
ON
Power
Applied
Reset
Procedure
From any
State
RESET
Initialization
ZQ Calibration
Idle
MRS, MPR,
Write
Levelizing
Self Refresh
Refreshing
SRE
SRX
REF
Activating
ACT
Precharge
Power
Down
PDE
PDX
Active
Power
Down
Bank
Active
Writing
Writing
Precharging
Reading
Write
Write A
Read A
Write
Read
Write A
Read A
Write
Read
PRE,
PREA
PRE,
PREA
Write A
Read A
PRE,
PREA
PDX
PDE
Reading
Read
Automatic
Sequence
Command
Sequence
MRS
ZQCL
ZQCL
ZQCS
State Diagram Command Definitions
Abbr.
Function
Abbr.
Function
Abbr.
Function
ACT
Active
Read
RD, RDS4, RDS8
PDE
Enter Power-down
PRE
Precharge
Read A
RDA, RDAS4, RDAS8
PDX
Exit Power-down
PREA
Precharge All
Write
WR, WRS4, WRS8
SRE
Self-Refresh entry
MRS
Mode Register Set
Write A
WRA, WRAS4, WRAS8
SRX
Self-Refresh exit
REF
Refresh
RESET
Start RESET Procedure
MPR
Multi-Purpose Register
ZQCL
ZQ Calibration Long
ZQCS
ZQ Calibration Short
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com