công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16GP-DHT bảng dữ liệu(PDF) 85 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT bảng dữ liệu(HTML) 85 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 81Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 82Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 83Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 84Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 85Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 86Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 87Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 88Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 89Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 160 page
background image
Version 2.2
85
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
ZQ Calibration Timing
Note:
1.
CKE must be continuously registered high during the calibration procedure.
2.
On-die termination must be disabled via the ODT signal or MRS during the calibration procedure.
3.
All devices connected to the DQ bus should be high impedance during the calibration procedure.
ZQ External Resistor Value, Tolerance, and Capacitive loading
In order to use the ZQ calibration function, a 240 ohm +/- 1% tolerance external resistor connected between the ZQ pin and
ground. The single resistor can be used for each SDRAM or one resistor can be shared between two SDRAMs if the ZQ
calibration timings for each SDRAM do not overlap. The total capacitive loading on the ZQ pin must be limited.
CK
CK
Tc2
T0
T1
Ta1
Ta3
Tb0
Tb1
Tc1
Ta0
Ta2
Tc0
Address
CMD
ZQCL
NOP
NOP
NOP
Valid
Valid
ZQCS
NOP
NOP
NOP
Valid
ODT
tZQCS
Valid
Valid
Valid
Valid
Valid
A10
CKE
Valid
Valid
Valid
Valid
Valid
Valid
(1)
(2)
(1)
(2)
DQ Bus
Hi-Z
Activities
Hi-Z
Activities
tZQinit or tZQoper
(3)
(3)
Do not
care
Time
Break



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com