công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16GP-DHT bảng dữ liệu(PDF) 87 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT bảng dữ liệu(HTML) 87 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 83Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 84Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 85Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 86Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 87Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 88Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 89Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 90Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 91Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 160 page
background image
Version 2.2
87
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Temperature Range
Condition
Parameter
Value
Unit
Notes
Commercial
Normal Operating Temperature Range
0 ≤ T
OPER ≤ 85
C
1
Extended Temperature Range
85 < TOPER ≤ 95
C
1,2
Quasi Industrial
Normal Operating Temperature Range
-40
≤ T
OPER ≤ 85
C
1
Extended Temperature Range
85 < TOPER ≤ 95
C
1,2
Industrial
Normal Operating Temperature Range
-40
≤ T
OPER ≤ 85
C
1
Extended Temperature Range
85 < TOPER ≤ 95
C
1,2
Automotive Grade 2
Normal Operating Temperature Range
-40
≤ T
OPER ≤ 85
C
1
Extended Temperature Range
85 < TOPER ≤ 105
C
1,2
Automotive Grade 3
Normal Operating Temperature Range
-40
≤ T
OPER ≤ 85
C
1
Extended Temperature Range
85 < TOPER ≤ 95
C
1,2
Note:
1. Operating Temperature TOPER is the case surface temperature on the center/top side of the DRAM.
2. Some applications require operation of the DRAM in the Extended Temperature Range.
Full specifications are guaranteed in this range, but the following additional apply.
a) Refresh commands must be doubled in frequency, therefore, reducing the Refresh interval tREFI to 3.9us.
b) If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to either use the Manual
Self-Refresh mode with Extended Temperature Range capability (MR2 A6=0 and MR2 A7=1) or enable the optional Auto
Self-Refresh mode (MR2 A6=1 and MR2 A7=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com