công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16GP-DHT bảng dữ liệu(PDF) 91 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT bảng dữ liệu(HTML) 91 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 87Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 88Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 89Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 90Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 91Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 92Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 93Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 94Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 95Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 160 page
background image
Version 2.2
91
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DDR3 AC and DC Logic Input Levels for DQ and DM
Symbol
Parameter
DDR3
Unit Notes
800,1066
1333,1600
1866,2133
Min
Max
Min
Max
Min
Max
VIH.DQ(DC100)
DC input logic high
Vref + 0.1
VDD
Vref + 0.1
VDD
Vref + 0.1
VDD
V
1, 5
VIL.DQ(DC100)
DC input logic low
VSS
Vref - 0.1
VSS
Vref - 0.1
VSS
Vref - 0.1
V
1, 6
VIH.DQ(AC175)
AC input logic high
Vref + 0.175
Note 2
-
-
-
-
V
1, 2, 7
VIL.DQ(AC175)
AC input logic low
Note 2
Vref - 0.175
-
-
-
-
V
1, 2, 8
VIH.DQ(AC150)
AC input logic high
Vref + 0.150
Note 2
Vref + 0.150
Note 2
-
-
V
1, 2, 7
VIL.DQ(AC150)
AC input logic low
Note 2
Vref - 0.150
Note 2
Vref - 0.150
-
-
V
1, 2, 8
VIH.DQ(AC135)
AC input logic high
Vref + 0.135
Note 2
Vref + 0.135
Note 2
Vref + 0.135
Note 2
V
1, 2, 7
VIL.DQ(AC135)
AC input logic low
Note 2
Vref - 0.135
Note 2
Vref - 0.135
Note 2
Vref - 0.135
V
1, 2, 8
VRefDQ(DC)
Reference Voltage
for DQ, DM inputs
0.49 * VDD
0.51 * VDD
0.49 * VDD
0.51 * VDD
0.49 * VDD
0.51 * VDD
V
3, 4, 9
NOTE 1. Vref = VrefDQ(DC).
NOTE 2. S
ee “Overshoot and Undershoot Specifications” .
NOTE 3. The ac peak noise on VRef may not allow VRef to deviate from VRefDQ(DC) by more than +/-1% VDD (for reference:approx. +/- 15 mV).
NOTE 4. For reference: approx. VDD/2 +/- 15 mV.
NOTE 5. VIH(dc) is used as a simplified symbol for VIH.DQ(DC100)
NOTE 6. VIL(dc) is used as a simplified symbol for VIL.DQ(DC100)
NOTE 7. VIH(ac) is used as a simplified symbol for VIH.DQ(AC175), VIH.DQ(AC150), and VIH.DQ(AC135);VIH.DQ(AC175) value is used when
Vref + 0.175V is referenced, VIH.DQ(AC150) value is used when Vref + 0.150V is referenced, and VIH.DQ(AC135) value is used when
Vref + 0.135V is referenced.
NOTE 8. VIL(ac) is used as a simplified symbol for VIL.DQ(AC175), VIL.DQ(AC150), and VIL.DQ(AC135);VIL.DQ(AC175) value is used when
Vref - 0.175V is referenced, VIL.DQ(AC150) value is used when Vref -0.150V is referenced, and VIL.DQ(AC135) value is used when
Vref - 0.135V is referenced.
NOTE 9. VrefCA(DC) is measured relative to VDD at the same point in time on the same device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com