công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16GP-DHT bảng dữ liệu(PDF) 116 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT bảng dữ liệu(HTML) 116 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 112Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 113Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 114Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 115Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 116Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 117Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 118Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 119Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 120Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 160 page
background image
Version 2.2
116
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
NOTE 1. The tolerance limits are specified after calibration with stable voltage and temperature. For the behavior of the tolerance limits
if temperature or voltage changes after calibration, see following section on voltage and temperature sensitivity.
NOTE 2. The tolerance limits are specified under the condition that VDDQ = VDD and that VSSQ = VSS.
NOTE 3. Pull-down and pull-up ODT resistors are recommended to be calibrated at 0.5 x VDDQ. Other calibration schemes may be
used to achieve the linearity spec shown above, e.g. calibration at 0.2 x VDDQ and 0.8 x VDDQ.
NOTE 4. Not a specification requirement, but a design guide line.
NOTE 5. Measurement definition for RTT:
Apply VIH(ac) to pin under test and measure current I(VIH(ac)), then apply VIL(ac) to pin under test and measure current
I(VIL(ac)) respectively.
NOTE 6. Measurement definition for VM and DVM:
Measure voltage (VM) at test pin (midpoint) with no load:
RTT =
I(VIH(ac))
– I(VIL(ac))
VIH(ac) – VIL(ac)
△
VM =
(
– 1) x 100
VDDQ
2 x VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com