công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CB64M16GP-DHT bảng dữ liệu(PDF) 110 Page - Nanya Technology Corporation.

tên linh kiện NT5CB64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT bảng dữ liệu(HTML) 110 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 106Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 107Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 108Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 109Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 110Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 111Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 112Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 113Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 114Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 160 page
background image
Version 2.2
110
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Output Driver DC Electrical Characteristics, assuming RZQ = 240ohms; entire
operating temperature range; after proper ZQ calibration
RONNom
Resistor
Vout
Min.
Nom.
Max.
Unit
Notes
DDR3L
34 ohms
RON34Pd
VOLdc = 0.2 x VDDQ
0.6
1.0
1.15
RZQ / 7
1,2,3
VOMdc = 0.5 x VDDQ
0.9
1.0
1.15
RZQ / 7
1,2,3
VOHdc = 0.8 x VDDQ
0.9
1.0
1.45
RZQ / 7
1,2,3
RON34Pu
VOLdc = 0.2 x VDDQ
0.9
1.0
1.45
RZQ / 7
1,2,3
VOMdc = 0.5 x VDDQ
0.9
1.0
1.15
RZQ / 7
1,2,3
VOHdc = 0.8 x VDDQ
0.6
1.0
1.15
RZQ / 7
1,2,3
40 ohms
RON40Pd
VOLdc = 0.2 × VDDQ
0.6
1.0
1.15
RZQ / 6
1,2,3
VOMdc = 0.5 × VDDQ
0.9
1.0
1.15
RZQ / 6
1,2,3
VOHdc = 0.8 × VDDQ
0.9
1.0
1.45
RZQ / 6
1,2,3
RON40Pu
VOLdc = 0.2 × VDDQ
0.9
1.0
1.45
RZQ / 6
1,2,3
VOMdc = 0.5 × VDDQ
0.9
1.0
1.15
RZQ / 6
1,2,3
VOHdc = 0.8 × VDDQ
0.6
1.0
1.15
RZQ / 6
1,2,3
Mismatch between pull-up and pull-down,
MMPuPd
VOMdc = 0.5 x VDDQ
-10
+10
%
1,2,4
DDR3
34 ohms
RON34Pd
VOLdc = 0.2 x VDDQ
0.6
1.0
1.1
RZQ / 7
1,2,3
VOMdc = 0.5 x VDDQ
0.9
1.0
1.1
RZQ / 7
1,2,3
VOHdc = 0.8 x VDDQ
0.9
1.0
1.4
RZQ / 7
1,2,3
RON34Pu
VOLdc = 0.2 x VDDQ
0.9
1.0
1.4
RZQ / 7
1,2,3
VOMdc = 0.5 x VDDQ
0.9
1.0
1.1
RZQ / 7
1,2,3
VOHdc = 0.8 x VDDQ
0.6
1.0
1.1
RZQ / 7
1,2,3
40 ohms
RON40Pd
VOLdc = 0.2 × VDDQ
0.6
1.0
1.1
RZQ / 6
1,2,3
VOMdc = 0.5 × VDDQ
0.9
1.0
1.1
RZQ / 6
1,2,3
VOHdc = 0.8 × VDDQ
0.9
1.0
1.4
RZQ / 6
1,2,3
RON40Pu
VOLdc = 0.2 × VDDQ
0.9
1.0
1.4
RZQ / 6
1,2,3
VOMdc = 0.5 × VDDQ
0.9
1.0
1.1
RZQ / 6
1,2,3
VOHdc = 0.8 × VDDQ
0.6
1.0
1.1
RZQ / 6
1,2,3
Mismatch between pull-up and pull-down,
MMPuPd
VOMdc = 0.5 x VDDQ
-10
+10
%
1,2,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com