công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTL914TBKS bảng dữ liệu(PDF) 5 Page - Lite-On Technology Corporation

tên linh kiện LTL914TBKS
Giải thích chi tiết về linh kiện  Super Flux LEDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL914TBKS bảng dữ liệu(HTML) 5 Page - Lite-On Technology Corporation

  LTL914TBKS Datasheet HTML 1Page - Lite-On Technology Corporation LTL914TBKS Datasheet HTML 2Page - Lite-On Technology Corporation LTL914TBKS Datasheet HTML 3Page - Lite-On Technology Corporation LTL914TBKS Datasheet HTML 4Page - Lite-On Technology Corporation LTL914TBKS Datasheet HTML 5Page - Lite-On Technology Corporation LTL914TBKS Datasheet HTML 6Page - Lite-On Technology Corporation LTL914TBKS Datasheet HTML 7Page - Lite-On Technology Corporation LTL914TBKS Datasheet HTML 8Page - Lite-On Technology Corporation LTL914TBKS Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LITE-ON ELECTRONICS, INC.
Propert y of Li t e - O n O n l y
Electrical / Optical Characteristics at TA=25




Parameter
Symbol
Part No.
Min.
Typ.
Max.
Unit
Test Condition
LTL914SEKS
LTL914SHKS
LTL914SYKS
1050
1050
1050
3750
3750
2090
IF=70mA
Total Flux
<Note1>
ØV
LTL914TBKS
LTL914TCKS
LTL914TGKS
310
470
700
550
1100
1600
mlm
IF=50mA
LTL914SXKS
2.0
IF=70mA
Luminous Intensity
/ Total Flux
Iv / ØV
LTL914TXKS
3.0
mcd /mlm
IF=50mA
Viewing Angle
<Note2, Fig 5>
2
1/2 LTL914SXKS
LTL914TXKS
30
30
deg
LTL914SEKS
LTL914SHKS
LTL914SYKS
638
626
596
IF=70mA
Peak Emission
Wavelength
<Fig 1>
P
LTL914TBKS
LTL914TCKS
LTL914TGKS
465
505
518
nm
IF=50mA
LTL914SEKS
LTL914SHKS
LTL914SYKS
628
620
594
IF=70mA
Dominant
Wavelength
<Note 3>
d
LTL914TBKS
LTL914TCKS
LTL914TGKS
470
505
525
nm
IF=50mA
LTL914SxKS
2.15
2.50
3.45
IF=70mA
Forward Voltage
VF
LTL914TxKS
-
4.0
4.7
V
IF=50mA
Reverse Voltage
VR
LTL914SxKS
LTL914TxKS
10
5
20
10
V
IR = 100
A
Thermal resistance
R

J-PIN
125
/W
Note:
1. ØV is the total luminous flux output as measured with an integrating sphere.
2.
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength,
d is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
Part No. : LTL914series
Page 5 of 9
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com