| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMPF0100Z bảng dữ liệu(PDF) 79 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0100Z bảng dữ liệu(HTML) 79 Page - NXP Semiconductors |
|
79 / 128 page ![]() NXP Semiconductors 79 PF0100Z FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS Table 96. Register VGEN3CTL - ADDR 0x6E Name Bit # R/W Default Description VGEN3 3:0 R/W 0x80 Sets VGEN3 output voltage. See Table 92 for all possible configurations. VGEN3EN 4 – 0x00 Enables or disables VGEN3 output 0 = OFF 1 = ON VGEN3STBY 5 R/W 0x00 Set VGEN3 output state when in standby. Refer to Table 93. VGEN3LPWR 6 R/W 0x00 Enable low-power mode for VGEN3. Refer to Table 93. UNUSED 7 – 0x00 unused Table 97. Register VGEN4CTL - ADDR 0x6F Name Bit # R/W Default Description VGEN4 3:0 R/W 0x80 Sets VGEN4 output voltage. See Table 92 for all possible configurations. VGEN4EN 4 – 0x00 Enables or disables VGEN4 output 0 = OFF 1 = ON VGEN4STBY 5 R/W 0x00 Set VGEN4 output state when in standby. Refer to Table 93. VGEN4LPWR 6 R/W 0x00 Enable low-power mode for VGEN4. Refer to Table 93. UNUSED 7 – 0x00 unused Table 98. Register VGEN5CTL - ADDR 0x70 Name Bit # R/W Default Description VGEN5 3:0 R/W 0x80 Sets VGEN5 output voltage. See Table 92 for all possible configurations. VGEN5EN 4 – 0x00 Enables or disables VGEN5 output 0 = OFF 1 = ON VGEN5STBY 5 R/W 0x00 Set VGEN5 output state when in standby. Refer to Table 93. VGEN5LPWR 6 R/W 0x00 Enable low-power mode for VGEN5. Refer to Table 93. UNUSED 7 – 0x00 unused |