công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZL2103ALAF bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp

tên linh kiện ZL2103ALAF
Giải thích chi tiết về linh kiện  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAF bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp

Back Button ZL2103ALAF Datasheet HTML 20Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 21Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 22Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 23Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 24Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 25Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 26Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 27Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 25 of 28
May 3, 2011
Phase Spreading
When multiple point of load converters share a common DC
input supply, it is desirable to adjust the clock phase offset of
each device such that not all devices start to switch
simultaneously. Setting each converter to start its switching cycle
at a different point in time can dramatically reduce input
capacitance requirements and efficiency losses. Since the peak
current drawn from the input supply is effectively spread out over
a period of time, the peak current drawn at any given moment is
reduced and the power losses proportional to the IRMS2 are
reduced dramatically.
In order to enable phase spreading, all converters must be
synchronized to the same switching clock. The CFG pin is used to
set the configuration of the SYNC pin for each device as
described in “Switching Frequency and PLL” on page 16.
Selecting the phase offset for the device is accomplished by
selecting a device address according to the following equation:
Phase offset = device address x 45°
For example:
• A device address of 0x00 or 0x20 would configure no phase
offset
• A device address of 0x01 or 0x21 would configure 45° of
phase offset
• A device address of 0x02 or 0x22 would configure 90° of
phase offset
The phase offset of each device may also be set to any value
between 0° and 360° in 22.5° increments via the I2C/SMBus
interface. Refer to Application Note AN2033 for further details.
Output Sequencing
A group of Zilker Labs devices may be configured to power up in
a predetermined sequence. This feature is especially useful when
powering advanced processors, FPGAs, and ASICs that require
one supply to reach its operating voltage prior to another supply
reaching its operating voltage in order to avoid latch-up from
occurring. Multi-device sequencing can be achieved by
configuring each device through the I2C/SMBus interface or by
using Zilker Labs patented autonomous sequencing mode.
Autonomous sequencing mode configures sequencing by using
events transmitted between devices over the DDC bus.
The sequencing order is determined using each device’s SMBus
address. Using autonomous sequencing mode (configured using
the CFG pin), the devices must be assigned sequential SMBus
addresses with no missing addresses in the chain. This mode will
also constrain each device to have a phase offset according to its
SMBus address as described in section “Phase Spreading” on
page 25.
The sequencing group will turn on in order starting with the
device with the lowest SMBus address and will continue through
to turn on each device in the address chain until all devices
connected have been turned on. When turning off, the device
with the highest SMBus address will turn off first followed in
reverse order by the other devices in the group.
Sequencing is configured by connecting a resistor from the CFG
pin to ground as described in Table 16. The CFG pin is also used
to set the configuration of the SYNC pin as well as to determine
the sequencing method and order. Please refer to section
“Switching Frequency and PLL” on page 16 for more details on
the operating parameters of the SYNC pin.
Multiple device sequencing may also be achieved by issuing
PMBus commands to assign the preceding device in the
sequencing chain as well as the device that will follow in the
sequencing chain. This method places fewer restrictions on the
SMBus address (no need of sequential address) and also allows
the user to assign any phase offset to any device irrespective of
its SMBus device address.
The Enable pins of all devices in a sequencing group must be tied
together and driven high to initiate a sequenced turn-on of the
group. Enable must be driven low to initiate a sequenced turnoff
of the group. Please refer to Application Note AN2033 for details
on sequencing via the I2C/SMBus interface.
TABLE 16. CFG PIN CONFIGURATIONS FOR SEQUENCING AND
TRACKING
RCFG
SYNC PIN
CONFIGURATION
SEQUENCING CONFIGURATION
Low
Input
Sequencing and Tracking are
disabled.
Open
Auto detect
High
Output
10k
Input
Sequencing and Tracking are
disabled.
11k
Auto detect
12.1k
Output
14.7k
Input
Device is FIRST in nested
sequence. Tracking disabled.
16.2k
Auto detect
17.8k
Output
21.5k
Input
Device is LAST in nested
sequence. Tracking disabled.
23.7k
Auto detect
26.1k
Output
31.6k
Input
Device is MIDDLE in nested
sequence. Tracking disabled.
34.8k
Auto detect
38.3k
Output
46.4k
Input
Sequence disabled. Tracking
enabled as defined in Table 13.
51.1k
Auto detect
56.2k
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com