công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZL2103ALAF bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp

tên linh kiện ZL2103ALAF
Giải thích chi tiết về linh kiện  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAF bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp

Back Button ZL2103ALAF Datasheet HTML 12Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 13Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 14Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 15Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 16Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 17Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 18Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 19Page - Renesas Technology Corp ZL2103ALAF Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 16 of 28
May 3, 2011
Power-good (PG)
The ZL2103 provides a Power-good (PG) signal that indicates the
output voltage is within a specified tolerance of its target level
and no fault condition exists. By default, the PG pin will assert if
the output is within +15%/-10% of the target voltage. These
limits may be changed via the I2C/SMBus interface. See
Application Note AN2033 for details.
A PG delay period is the time from when all conditions for
asserting PG are met and when the PG pin is actually asserted.
This feature is commonly used instead of an external reset
controller to signal the power supply is at its target voltage prior
to enabling any powered circuitry. By default, the ZL2103 PG
delay is set to 1ms and may be changed using the I2C/SMBus
interface as described in AN2033.
Switching Frequency and PLL
The ZL2103 incorporates an internal phase-locked loop (PLL) to
clock the internal circuitry. The PLL can be driven by an external
clock source connected to the SYNC pin. When using the internal
oscillator, the SYNC pin can be configured as a clock source for
other Zilker Labs devices.
The SYNC pin is a unique pin that can perform multiple functions
depending on how it is configured. The CFG pin is used to select
the operating mode of the SYNC pin as shown in Table 4.
Figure 15 illustrates the typical connections for each mode.
CONFIGURATION A: SYNC OUTPUT
When the SYNC pin is configured as an output (CFG pin is tied
HIGH), the device will run from its internal oscillator and will drive
the resulting internal oscillator signal (preset to 400kHz) onto the
SYNC pin so other devices can be synchronized to it. The SYNC
pin will not be checked for an incoming clock signal while in this
mode.
CONFIGURATION B: SYNC INPUT
When the SYNC pin is configured as an input (CFG pin is tied
LOW), the device will automatically check for an external clock
signal on the SYNC pin each time the EN pin is asserted. The
internal oscillator will then synchronize with the rising edge of the
external clock. The incoming clock signal must be in the range of
200kHz to 1MHz with a minimum duty cycle and must be stable
when the EN pin is asserted. The external clock signal must also
exhibit the necessary performance requirements (see the
“Electrical Specifications” table beginning on page 6).
TABLE 7. SYNC PIN FUNCTION SELECTION
CFG PIN
SYNC PIN FUNCTION
LOW
SYNC is configured as an input
OPEN
Auto detect mode
HIGH
SYNC is configured as an output fSW = 400kHz
ZL2103
Logic
High
SYNC
200kHz – 1MHz
ZL2103
SYNC
200kHz – 1MHz
ZL2103
N/C
SYNC
200kHz – 1MHz
A) SYNC = Output
B) SYNC = Input
ZL2103
N/C
SYNC
ZL2103
RSYNC
N/C
SYNC
Logic
High
Logic
Low
Open
C) SYNC = Auto Detect
OR
OR
FIGURE 15. SYNC PIN CONFIGURATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com